Part Number Hot Search : 
MB89P131 MD87C51 2SC49 60125 60125 AWB7125 VSKD6 10C40
Product Description
Full Text Search
 

To Download IEC-1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10/100 industrial media converter, sc mm 2km -10 to 60c overview levelone IEC-1100 is an industrial fast ethernet media converter with ip30 ingress protection case. this converter is designed to be mounted on an industrial standard din-rail, plus the clearly visible status leds provide simple monitoring of port link activity. cost eective this device operates under -10 to 60 celsius (-14 to 140 fahrenheit) temperature that oers optimal suitability for industrial applications at low cost while maintaining all components built to withstand harsh environment applications without compromise reliability and stability. features - provides 1-port 10/100base-tx plus 1-port 100base-fx - 100base-fx multi-mode ber for the link up to 2 kilometers - -10c to 60c (14f to 140f) and is tested for functional operation @ -20c to 70c (-4f to 158f) - 10/100mbps full/half duplex, auto-negotiation, auto-mdi/mdix - supports 12 to 48vdc power input - complies with iec61000-6-2 emc generic standard immunity for industrial environment - 484k bits buer memory - ip30 aluminum case - supports din-rail mounting installation safety complies with iec61000-6-2 emc generic standard immunity for industrial environment; it also complies with iec60068 vibration and shock resistance as well. plug & play this industrial media converter is designed for the demanding industrial environments at businesses in need of instant connectivity with no setup or congure required, truly plug and play. IEC-1100 diagrams unit: mm side buttom back top front p w r g n d 76. 5 1 13. 6 4 2 6 1 1 0 7 0
order information IEC-1100 - 10/100 industrial media converter, sc mm 2km -10 to 60c specications package contents IEC-1100 quick installation guide www.level1.com one world_one brand_one level_ t echnology standards ieee802.3 10base-t , ieee802.3u 100base-tx/100base-fx, ieee802.3x forward and filtering rate 14,880pps for 10mbps 148,810pps for 100mbps packet buf fer memory 384k bits processing t ype store-and-forward half-duplex back-pressure and ieee802.3x full-duplex flow control environment operating t emperature -10c to 60c (14f to 140f) t est @ -20c to 70c (-4f to 158f) storage t emperature -25c to 85c (-13f to 185f) ambient relative humidity 5% to 95% (non-condensing) regulatory approvals iso manufactured in an iso9001 facility safety ul60950-1, en60950-1, iec60950-1 emi fcc part 15, class a, vcci en61000-6-4 - en55022 - en61000-3-2 - en61000-3-3 ems en61000-6-2 - en61000-4-2 (esd standards) contact: + / - 6kv air: + / - 8kv - en61000-4-3 (radiated rfi standards) 10v/m, 80 to 1000mhz; 80% am 3v/m, 1400 to 2000mhz; 80% am 1v/m, 2000 to 3000mhz; 80% am - en61000-4-4 (burst standards) signal ports: + / - 4.4kv d.c. power ports: + / - 4.4kv - en61000-4-5 (surge standards) signal ports: + / - 1kv ; line-to-line d.c. power ports: + / - 0.5kv ; line-to-earth - en61000-4-6 (induced rfi standards) signal ports: 10v rms @ 0.15 - 80mhz; 80% am d.c. power ports: 10v rms @ 0.15 - 80mhz; 80% am - en61000-4-8 (magnetic field standards) 30a/m @ 50, 60hz environmental t est compliance iec60068-2-6 fc (v ibration resistance) 5g @ 10 - 150hz, amplitude 0.35mm (operation/storage/ t ransport) iec60068-2-27 ea (shock) 25g @ 1 1ms (half-sine shock pulse; operation) 50g @ 1 1ms (half-sine shock pulse; storage/t ransport) fed std 101c method 5007.1 (free fall w/ package) -t ested with cross w eight and drop high standard table power input input v oltage: 12 to 48vdc (t erminal block) power consumption 4.3w max. 0.3a @ 12vdc, 0.15a @ 24vdc, 0.07a @ 48vdc reverse polarity protection present mechanical casing plastic case ip30 dimensions 26mm (w) x 70mm (d) x 1 10mm (h) (1.02" (w) x 2.76" (d) x 4.33" (h)) w eight 0.2kg (0.44lb.) installation din-rail (t op hat type 35mm) mounting interface ethernet port 10/100base-tx: 1 port 100base-fx: 1 port led indicators per unit: power status (power1, power2) per port: 10/100tx, 100fx: link/activity (green), speed (y ellow) mtbf 136.83 years


▲Up To Search▲   

 
Price & Availability of IEC-1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X